PART |
Description |
Maker |
UPA811T-T1 UPA811 UPA811T PA811T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体
|
NEC[NEC] NEC Corp.
|
CFY77 CFY77-08 CFY77-10 Q62702-F1559 Q62702-F1549 |
From old datasheet system AlGaAs / InGaAs HEMT (Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
2SC5437 |
High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体 NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
|
NEC Corp. NEC[NEC]
|
5962-9316302HTA 5962-9316302HXC 5962R9316302HTA 59 |
740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5 DC至DC转换 Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference DC至DC转换 DC to DC Converter DC至DC转换
|
CML Innovative Technologies Hanlong Industrial Co., Ltd. Analog Devices, Inc. TE Connectivity, Ltd.
|
EC3H04C 1224 |
NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier and OSC Applications From old datasheet system High-Frequency Low-Noise Amplifier and OSC Applications 高频低噪声放大器和OSC应用
|
Sanyo Semicon Device Sanyo Electric Co., Ltd.
|
LT1124A LT1125A 11245FAS LT1125 LT1125AC LT1125ACN |
Dual/Quad Low Noise/ High Speed Precision Op Amps Dual/Quad Low Noise High Speed Precision Op Amps Dual/Quad Low Noise, High Speed Precision Op Amps From old datasheet system Quad Low Noise, High Speed Precision Operational Amplifier Dual Low Noise, High Speed Precision Operational Amplifier
|
Linear Technology Corporation LINER[Linear Technology]
|
MAX849 MAX848 MAX848ESE MAX848-MAX849 MAX849ESE |
1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters 1节至3节电池,大功率,低噪声,升压型DC - DC转换 1-Cell-to-3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters 1-Cell to 3-Cell / High-Power / Low-Noise / Step-Up DC-DC Converters
|
Maxim Integrated Products, Inc. Maixm MAXIM - Dallas Semiconductor
|
ISL9000AIRPLZ ISL9000AIRPPZ ISL9000AIRCJZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Intersil, Corp. Intersil Corporation
|
HA3-2840-5 HA3-2840-9 HA3B2840-5 HA3B2840-9 HA7-28 |
600MHZ, VERY HIGH SLEW RATE OPERATIONAL AMPLIFIER
|
INTERSIL[Intersil Corporation]
|